yenyo dimensions in inches and (millimeters) maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : ito-220ac HFR15A06F voltage range 600 v current 15.0 ampere glass passivated hyperfast recovery rectifier symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg HFR15A06F - - - - 10 200 2.4 30 500 60 - unit v v v v a a ua ua o c pf o cw ns recurrent peak reverse voltage rms voltage dc blocking voltage average forward rectified peak forward surge current, 8.3ms single instantaneous forward voltage @15a(25 o c) dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @15a(150 o c) at rated dc blocking voltage @t j =150 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) features ? l o w noise ? fast switching for high efficiency ? trr < 30ns ? case: molded plastic ito-220ac ? high voltage super frd ? weight: 1.73 grams method 208 ? mounting position: any ? terminals: solderable per mil-std-202 mechanical data ? low reverse leakage current r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) junction capacitance test conditions : v r = 10v,i f = 0a. (3) thermal resistance junction to case. ? epoxy: ul 94v-0 rate flame retardant , characteristic min. typ. max. - 15.0 - 600 420 600 - - - - - - - - - - - - 1.5 - 175 -65 - ? pfc application 1 / 2 r3, may-09 2.0 1 2 pin max.412(10.5) .108(2.75) .098(2.50) .594(15.1) .587(14.9) .560(14.20) .492(12.50) .026(0.65) .022(0.55) max.0.05(1.5) .16(4.06) .14(3.56) .185(4.70) .175(4.44) .136(3.45) .110(2.80) .025(0.64) .014(0.35) .27(6.86) .23(5.84) .140(3.56) .130(3.30) dia 2 .125(3.18) .115(2.92) .205(5.20) .195(4.95) 1 .131(3.39) .122(3.08) .140(3.56) .130(3.30)
ratings and characteristic curves HFR15A06F fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 15.0 3.0 6.0 9.0 12.0 iinstantaneous forward current, amperes 10 100 0.5 1 0 2 2.5 3 0 0 50 100 175 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 50 100 150 200 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts junction capacitance, pf 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =150 o c t j =25 o c 75 25 125 150 0.5 1.5 1.0 0 0 175 50 100 150 200 75 25 50 125 150 100 t j =25 o c t j =150 o c yenyo technology co., ltd. 2 / 2 r3, may-09
|